Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1276 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1276 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1272Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1275Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1276Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1277Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1278Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1279Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1276 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
1276
Freescale Semiconductor
In Table A-26 the timing characteristics for master mode are listed.
Figure A-8.
Derating of maximum fSCK to fbus ratio in Master Mode
In Master Mode the allowed maximum fSCK to fbus ratio (= minimum Baud Rate Divisor, pls. see
SPI Section) derates with increasing fbus.
A.7.2
Slave Mode
In Figure A-9 the timing diagram for slave mode with transmission format CPHA = 0 is depicted.
Table A-26. SPI Master Mode Timing Characteristics
Num
C
Characteristic
Symbol
Min
Typ
Max
Unit
1
D
SCK frequency
fsck
1/2048
—
1
/2fbus
1
D
SCK period
tsck
2
—
2048
tbus
2
D
Enable lead time
tlead
—
1/2
—
tsck
3
D
Enable lag time
tlag
—
1/2
—
tsck
4
D
Clock (SCK) high or low time
twsck
—
1/2
—
tsck
5
D
Data setup time (inputs)
tsu
8—
—
ns
6
D
Data hold time (inputs)
thi
8—
—
ns
9
D
Data valid after SCK edge
tvsck
—
—
15
ns
10
D
Data valid after SS fall (CPHA = 0)
tvss
—
—
15
ns
11
D
Data hold time (outputs)
tho
0—
—
ns
12
D
Rise and fall time inputs
trfi
——
8
ns
13
D
Rise and fall time outputs
trfo
——
8
ns
1/2
1/4
fSCK/fbus
fbus [MHz]
10
20
30
40
15
25
35
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com