Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1283 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1283 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1279Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1280Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1281Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1282Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1283Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1284Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1285Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1286Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1283 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1283
Table A-29. Example 1b: Normal Expanded Mode Timing VDD35 = 5.0 V (EWAITE = 1)
No.
C
Characteristic
Symbol
2 Stretch
Cycles
3 Stretch
Cycles
Unit
Min
Max
Min
Max
—
—
Frequency of internal bus
fi
D.C.
40.0
D.C.
40.0
MHz
—
—
Internal cycle time
tcyc
25
∞
25
∞
ns
—
—
Frequency of external bus
fo
D.C.
13.3
D.C.
10.0
MHz
—
—
External cycle time (selected by EXSTR)
tcyce
75
∞
100
∞
ns
1
—
External cycle time (EXSTR+1EWAIT)
tcycew
100
∞
125
∞
ns
2D
Address1 valid to RE fall
1 Includes the following signals: ADDRx, UDS, LDS, and CSx.
tADRE
5—5—
ns
3D
Pulse width, RE 2
2 Affected by EWAIT.
PWRE
85
—
110
—
ns
4D
Address1 valid to WE fall
tADWE
5—5—
ns
5D
Pulse width, WE2
PWWE
73
—
98
—
ns
6
D
Read data setup time (if ITHRS = 0)
tDSR
24
—
24
—
ns
D
Read data setup time (if ITHRS = 1)
tDSR
28
—
28
—
ns
7
D
Read data hold time
tDHR
0—0—
ns
8
D
Read enable access time
tACCR
71
—
86
—
ns
9
D
Write data valid to WE fall
tWDWE
7—7—
ns
10
D
Write data setup time
tDSW
81
—
106
—
ns
11
D
Write data hold time
tDHW
8—8—
ns
12
D
Address to EWAIT fall
tADWF
0
20
0
45
ns
13
D
Address to EWAIT rise
tADWR
37
47
62
72
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com