Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1307 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1307 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1303Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1304Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1305Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1306Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1307Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1308Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1309Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1310Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1311Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1307 / 1350 page
background image
Appendix E Derivative Differences
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1307
E.7
Pinout explanations:
•
A/D is the number of modules/total number of A/D channels.
•
I/O is the sum of ports capable to act as digital input or output.
–
144 Pin Packages:
Port A = 8, B = 8, C=8, D=8, E = 6 + 2 input only,
H = 8, J = 7, K = 8, M = 8, P = 8, S = 8, T = 8, PAD = 24
25 inputs provide Interrupt capability (H =8, P= 8, J = 7, IRQ, XIRQ)
–
112 Pin Packages:
Port A = 8, B = 8, E = 6 + 2 input only, H = 8, J = 4, K = 7, M = 8, P = 8, S = 8, T = 8, PAD = 16
22 inputs provide Interrupt capability (H =8, P= 8, J = 4, IRQ, XIRQ)
–
80 Pin Packages:
Port A = 8, B = 8, E = 6 + 2 input only, J = 2, M = 6, P = 7, S = 4, T = 8, PAD = 8
11 inputs provide Interrupt capability (P= 7, J = 2, IRQ, XIRQ)
•
CAN0 can be routed under software control from PM[1:0] to pins PM[3:2] or PM[5:4] or PJ[7:6].
•
CAN4 pins are shared between IIC0 pins.
•
CAN4 can be routed under software control from PJ[7:6] to pins PM[5:4] or PM[7:6].
•
Versions with 4 CAN modules will have CAN0, CAN1, CAN2 and CAN4
•
Versions with 3 CAN modules will have CAN0, CAN1 and CAN4.
•
Versions with 2 CAN modules will have CAN0 and CAN4.
•
Versions with 1 CAN modules will have CAN0
•
Versions with 2 SPI modules will have SPI0 and SPI1.
•
Versions with 4 SCI modules will have SCI0, SCI1, SCI2 and SCI4.
•
Versions with 2 SCI modules will have SCI0 and SCI1.
•
Versions with 1 IIC module will have IIC0.
•
SPI0 can be routed to either Ports PS[7:4] or PM[5:2].
•
SPI1 pins are shared with PWM[3:0]; In 144 and 112-pin versions, SPI1 can be routed under
software control to PH[3:0].
•
SPI2 pins are shared with PWM[7:4]; In 144 and 112-pin versions, SPI2 can be routed under
software control to PH[7:4]. In 80-pin packages, SS-signal of SPI2 is not bonded out!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com