Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1322 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1322 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1318Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1319Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1320Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1321Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1322Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1323Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1324Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1325Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1322 / 1350 page
background image
Appendix G Detailed Register Map
MC9S12XDP512 Data Sheet, Rev. 2.17
1322
Freescale Semiconductor
0x00D5
SCI1SR2
R
AMAP
00
TXPOL
RXPOL
BRK13
TXDIR
RAF
W
0x00D6
SCI1DRH
RR8
T8
000000
W
0x00D7
SCI1DRL
R
R7R6R5R4R3R2R1R0
W
T7T6T5T4T3T2T1T0
1 Those registers are accessible if the AMAP bit in the SCI1SR2 register is set to zero
2 Those registers are accessible if the AMAP bit in the SCI1SR2 register is set to one
0x00D8–0x00DF Serial Peripheral Interface (SPI0) Map
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00D8
SPI0CR1
R
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
W
0x00D9
SPI0CR2
R0
0
0
MODFEN
BIDIROE
0
SPISWAI
SPC0
W
0x00DA
SPI0BR
R0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
W
0x00DB
SPI0SR
R
SPIF
0
SPTEF
MODF
0
0
0
0
W
0x00DC
Reserved
R
0
0000000
W
0x00DD
SPI0DR
R
Bit7
654321
Bit0
W
0x00DE
Reserved
R
0
0000000
W
0x00DF
Reserved
R
0
0000000
W
0x00E0–0x00E7 Inter IC Bus (IIC0) Map
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00E0
IBAD
R
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
0
W
0x00E1
IBFD
R
IBC7
IBC6
IBC5
IBC4
IBC3
IBC2
IBC1
IBC0
W
0x00E2
IBCR
R
IBEN
IBIE
MS/SL
TX/RX
TXAK
00
IBSWAI
W
RSTA
0x00E3
IBSR
R
TCF
IAAS
IBB
IBAL
0SRW
IBIF
RXAK
W
0x00E4
IBDR
R
D7
D6
D5
D4
D3
D2
D1
D 0
W
0x00D0–0x00D7 Asynchronous Serial Interface (SCI1) Map (continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com