Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 204 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 204 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 200Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 201Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 202Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 203Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 204Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 205Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 206Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 207Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 208Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
204
Freescale Semiconductor
6.4.4
Semaphores
The XGATE module offers a set of eight hardware semaphores. These semaphores provide a mechanism
to protect system resources that are shared between two concurrent threads of program execution; one
thread running on the S12X_CPU and one running on the XGATE RISC core.
Each semaphore can only be in one of the three states: “Unlocked”, “Locked by S12X_CPU”, and “Locked
by XGATE”. The S12X_CPU can check and change a semaphore’s state through the XGATE semaphore
register (XGSEM, see Section 6.3.1.6, “XGATE Semaphore Register (XGSEM)”). The RISC core does
this through its SSEM and CSEM instructions.
Figure 6-21 illustrates the valid state transitions.
Figure 6-21. Semaphore State Transitions
UNLOCKED
LOCKED BY
S12X_CPU
LOCKED BY
XGATE
CSEM Instruction
%0
⇒ XGSEM
CSEM Instruction
SSEM Instruction
%1
⇒ XGSEM
SSEM Instruction
%0
⇒ XGSEM
%1
⇒ XGSEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com