Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 253 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 249Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 250Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 251Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 252Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 253Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 254Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 255Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 256Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
253
Operation
RS.H - IMM8 - C
⇒ NONE, only condition code flags get updated
Subtracts the carry bit and the 8 bit constant IMM8 contained in the instruction code from the high byte of
the source register RD using binary subtraction and updates the condition code register accordingly. The
carry bit and Zero bits are taken into account to allow a 16 bit compare in the form of
CMPL
R2,#LOWBYTE
CPCH
R2,#HIGHBYTE
BCC
; branch condition
Remark: There is no equivalent operation using triadic addressing. Comparing the values of two registers
can be performed by using the subtract instruction with R0 as destination register.
CCR Effects
Code and CPU Cycles
CPCH
Compare Immediate 8 bit Constant with
Carry (High Byte)
CPCH
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $00 and Z was set before this operation; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RS[15] & IMM8[7] & result[15] | RS[15] & IMM8[7] & result[15]
C:
Set if there is a carry from the bit 15 of the result; cleared otherwise.
RS[15] & IMM8[7] | RS[15] & result[15] | IMM8[7] & result[15]
Source Form
Address
Mode
Machine Code
Cycles
CPCH RD, #IMM8
IMM8
1
1
0
1
1
RS
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com