Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 372 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 372 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 368Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 369Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 370Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 371Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 372Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 373Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 374Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 375Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 376Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
372
Freescale Semiconductor
NOTE
PCKB2–0 and PCKA2–0 register bits can be written anytime. If the clock
pre-scale is changed while a PWM signal is being generated, a truncated or
stretched pulse can occur during the transition.
s
8.3.2.5
PWM Center Align Enable Register (PWMCAE)
The PWMCAE register contains eight control bits for the selection of center aligned outputs or left aligned
outputs for each PWM channel. If the CAEx bit is set to a one, the corresponding PWM output will be
center aligned. If the CAEx bit is cleared, the corresponding PWM output will be left aligned. See
Section 8.4.2.5, “Left Aligned Outputs” and Section 8.4.2.6, “Center Aligned Outputs” for a more detailed
description of the PWM output modes.
Table 8-4. PWMPRCLK Field Descriptions
Field
Description
6–4
PCKB[2:0]
Prescaler Select for Clock B — Clock B is one of two clock sources which can be used for channels 2, 3, 6, or
7. These three bits determine the rate of clock B, as shown in Table 8-5.
2–0
PCKA[2:0]
Prescaler Select for Clock A — Clock A is one of two clock sources which can be used for channels 0, 1, 4 or
5. These three bits determine the rate of clock A, as shown in Table 8-6.
Table 8-5. Clock B Prescaler Selects
PCKB2
PCKB1
PCKB0
Value of Clock B
0
0
0
Bus clock
0
0
1
Bus clock / 2
0
1
0
Bus clock / 4
0
1
1
Bus clock / 8
1
0
0
Bus clock / 16
1
0
1
Bus clock / 32
1
1
0
Bus clock / 64
1
1
1
Bus clock / 128
Table 8-6. Clock A Prescaler Selects
PCKA2
PCKA1
PCKA0
Value of Clock A
0
0
0
Bus clock
0
0
1
Bus clock / 2
0
1
0
Bus clock / 4
0
1
1
Bus clock / 8
1
0
0
Bus clock / 16
1
0
1
Bus clock / 32
1
1
0
Bus clock / 64
1
1
1
Bus clock / 128
76543210
R
CAE7
CAE6
CAE5
CAE4
CAE3
CAE2
CAE1
CAE0
W
Reset
00000000
Figure 8-7. PWM Center Align Enable Register (PWMCAE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com