Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 456 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 456 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 452Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 453Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 454Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 455Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 456Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 457Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 458Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 459Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 460Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
456
Freescale Semiconductor
“MSCAN Control Register 0 (CANCTL0)”). In case of a transmission, the CPU can only read the time
stamp after the respective transmit buffer has been flagged empty.
The timer value, which is used for stamping, is taken from a free running internal CAN bit clock. A timer
overrun is not indicated by the MSCAN. The timer is reset (all bits set to 0) during initialization mode. The
CPU can only read the time stamp registers.
Read: Anytime when TXEx flag is set (see Section 10.3.2.7, “MSCAN Transmitter Flag Register
(CANTFLG)”) and the corresponding transmit buffer is selected in CANTBSEL (see Section 10.3.2.11,
“MSCAN Transmit Buffer Selection Register (CANTBSEL)”).
Write: Unimplemented
10.4
Functional Description
10.4.1
General
This section provides a complete functional description of the MSCAN. It describes each of the features
and modes listed in the introduction.
76543210
R
TSR15
TSR14
TSR13
TSR12
TSR11
TSR10
TSR9
TSR8
W
Reset:
xxxxxxxx
Figure 10-37. Time Stamp Register — High Byte (TSRH)
76543210
R
TSR7
TSR6
TSR5
TSR4
TSR3
TSR2
TSR1
TSR0
W
Reset:
xxxxxxxx
Figure 10-38. Time Stamp Register — Low Byte (TSRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com