Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 461 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 461 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 457Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 458Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 459Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 460Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 461Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 462Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 463Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 464Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 465Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
461
•
Four identifier acceptance filters, each to be applied to
— a) the 14 most significant bits of the extended identifier plus the SRR and IDE bits of CAN 2.0B
messages or
— b) the 11 bits of the standard identifier, the RTR and IDE bits of CAN 2.0A/B messages.
Figure 10-41 shows how the first 32-bit filter bank (CANIDAR0–CANIDA3,
CANIDMR0–3CANIDMR) produces filter 0 and 1 hits. Similarly, the second filter bank
(CANIDAR4–CANIDAR7, CANIDMR4–CANIDMR7) produces filter 2 and 3 hits.
•
Eight identifier acceptance filters, each to be applied to the first 8 bits of the identifier. This mode
implements eight independent filters for the first 8 bits of a CAN 2.0A/B compliant standard
identifier or a CAN 2.0B compliant extended identifier. Figure 10-42 shows how the first 32-bit
filter bank (CANIDAR0–CANIDAR3, CANIDMR0–CANIDMR3) produces filter 0 to 3 hits.
Similarly, the second filter bank (CANIDAR4–CANIDAR7, CANIDMR4–CANIDMR7)
produces filter 4 to 7 hits.
•
Closed filter. No CAN message is copied into the foreground buffer RxFG, and the RXF flag is
never set.
Figure 10-40. 32-bit Maskable Identifier Acceptance Filter
ID28
ID21
IDR0
ID10
ID3
IDR0
ID20
ID15
IDR1
ID2
IDE
IDR1
ID14
ID7
IDR2
ID10
ID3
IDR2
ID6
RTR
IDR3
ID10
ID3
IDR3
AC7
AC0
CANIDAR0
AM7
AM0
CANIDMR0
AC7
AC0
CANIDAR1
AM7
AM0
CANIDMR1
AC7
AC0
CANIDAR2
AM7
AM0
CANIDMR2
AC7
AC0
CANIDAR3
AM7
AM0
CANIDMR3
ID Accepted (Filter 0 Hit)
CAN 2.0B
Extended Identifier
CAN 2.0A/B
Standard Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com