| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 468 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 468 Page - Freescale Semiconductor, Inc |
|
468 / 1350 page ![]() Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3) MC9S12XDP512 Data Sheet, Rev. 2.17 468 Freescale Semiconductor 10.4.5.1 Operation in Run Mode As shown in Table 10-36, only MSCAN sleep mode is available as low power option when the CPU is in run mode. 10.4.5.2 Operation in Wait Mode The WAI instruction puts the MCU in a low power consumption stand-by mode. If the CSWAI bit is set, additional power can be saved in power down mode because the CPU clocks are stopped. After leaving this power down mode, the MSCAN restarts its internal controllers and enters normal mode again. While the CPU is in wait mode, the MSCAN can be operated in normal mode and generate interrupts (registers can be accessed via background debug mode). The MSCAN can also operate in any of the low-power modes depending on the values of the SLPRQ/SLPAK and CSWAI bits as seen in Table 10-36. 10.4.5.3 Operation in Stop Mode The STOP instruction puts the MCU in a low power consumption stand-by mode. In stop mode, the MSCAN is set in power down mode regardless of the value of the SLPRQ/SLPAK and CSWAI bits (Table 10-36). 10.4.5.4 MSCAN Sleep Mode The CPU can request the MSCAN to enter this low power mode by asserting the SLPRQ bit in the CANCTL0 register. The time when the MSCAN enters sleep mode depends on a fixed synchronization delay and its current activity: Table 10-36. CPU vs. MSCAN Operating Modes CPU Mode MSCAN Mode Normal Reduced Power Consumption Sleep Power Down Disabled (CANE=0) RUN CSWAI = X1 SLPRQ = 0 SLPAK = 0 1 ‘X’ means don’t care. CSWAI = X SLPRQ = 1 SLPAK = 1 CSWAI = X SLPRQ = X SLPAK = X WAIT CSWAI = 0 SLPRQ = 0 SLPAK = 0 CSWAI = 0 SLPRQ = 1 SLPAK = 1 CSWAI = 1 SLPRQ = X SLPAK = X CSWAI = X SLPRQ = X SLPAK = X STOP CSWAI = X SLPRQ = X SLPAK = X CSWAI = X SLPRQ = X SLPAK = X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |