Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 481 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 481 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 477Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 478Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 479Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 480Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 481Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 482Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 483Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 484Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 485Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
481
11.3.2
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Writes to a reserved register locations do not have any effect
and reads of these locations return a zero. Details of register bit and field function follow the register
diagrams, in bit order.
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
SCIBDH1
R
IREN
TNP1
TNP0
SBR12
SBR11
SBR10
SBR9
SBR8
W
SCIBDL1
R
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
W
SCICR11
R
LOOPS
SCISWAI
RSRC
M
WAKE
ILT
PE
PT
W
SCIASR12
R
RXEDGIF
0000
BERRV
BERRIF
BKDIF
W
SCIACR12
R
RXEDGIE
00000
BERRIE
BKDIE
W
SCIACR22
R
0
0000
BERRM1
BERRM0
BKDFE
W
SCICR2
R
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
W
SCISR1
R
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
W
SCISR2
R
AMAP
00
TXPOL
RXPOL
BRK13
TXDIR
RAF
W
SCIDRH
R
R8
T8
000000
W
SCIDRL
R
R7
R6
R5
R4
R3
R2
R1
R0
W
T7T6T5T4T3T2T1T0
1.These registers are accessible if the AMAP bit in the SCISR2 register is set to zero.
2,These registers are accessible if the AMAP bit in the SCISR2 register is set to one.
= Unimplemented or Reserved
Figure 11-2. SCI Register Summary
1 Those registers are accessible if the AMAP bit in the SCISR2 register is set to zero
2 Those registers are accessible if the AMAP bit in the SCISR2 register is set to one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com