| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 495 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 495 Page - Freescale Semiconductor, Inc |
|
495 / 1350 page ![]() Chapter 11 Serial Communication Interface (S12SCIV5) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 495 11.4.3 Data Format The SCI uses the standard NRZ mark/space data format. When Infrared is enabled, the SCI uses RZI data format where zeroes are represented by light pulses and ones remain low. See Figure 11-15 below. Figure 11-15. SCI Data Formats Each data character is contained in a frame that includes a start bit, eight or nine data bits, and a stop bit. Clearing the M bit in SCI control register 1 configures the SCI for 8-bit data characters. A frame with eight data bits has a total of 10 bits. Setting the M bit configures the SCI for nine-bit data characters. A frame with nine data bits has a total of 11 bits. When the SCI is configured for 9-bit data characters, the ninth data bit is the T8 bit in SCI data register high (SCIDRH). It remains unchanged after transmission and can be used repeatedly without rewriting it. A frame with nine data bits has a total of 11 bits. Table 11-13. Example of 8-Bit Data Formats Start Bit Data Bits Address Bits Parity Bits Stop Bit 1 8001 1 7011 17 11 1 The address bit identifies the frame as an address character. See Section 11.4.6.6, “Receiver Wakeup”. 01 Table 11-14. Example of 9-Bit Data Formats Start Bit Data Bits Address Bits Parity Bits Stop Bit 1 9001 1 8011 18 11 01 Bit 5 Start Bit Bit 0 Bit 1 Next STOP Bit Start Bit 8-Bit Data Format (Bit M in SCICR1 Clear) Start Bit Bit 0 NEXT STOP Bit START Bit 9-Bit Data Format (Bit M in SCICR1 Set) Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Bit 8 Bit 2 Bit 3 Bit 4 Bit 6 Bit 7 POSSIBLE PARITY Bit Possible Parity Bit Standard SCI Data Infrared SCI Data Standard SCI Data Infrared SCI Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |