Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 515 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 515 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 511Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 512Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 513Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 514Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 515Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 516Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 517Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 518Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 519Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
515
Chapter 12
Serial Peripheral Interface (S12SPIV4)
12.1
Introduction
The SPI module allows a duplex, synchronous, serial communication between the MCU and peripheral
devices. Software can poll the SPI status flags or the SPI operation can be interrupt driven.
12.1.1
Glossary of Terms
12.1.2
Features
The SPI includes these distinctive features:
•
Master mode and slave mode
•
Bidirectional mode
•
Slave select output
•
Mode fault error flag with CPU interrupt capability
•
Double-buffered data register
•
Serial clock with programmable polarity and phase
•
Control of SPI operation during wait mode
12.1.3
Modes of Operation
The SPI functions in three modes: run, wait, and stop.
•
Run mode
This is the basic mode of operation.
•
Wait mode
SPI
Serial Peripheral Interface
SS
Slave Select
SCK
Serial Clock
MOSI
Master Output, Slave Input
MISO
Master Input, Slave Output
MOMI
Master Output, Master Input
SISO
Slave Input, Slave Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com