Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 541 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 541 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 537Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 538Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 539Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 540Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 541Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 542Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 543Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 544Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 545Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
541
Chapter 13
Periodic Interrupt Timer (S12PIT24B4CV1)
13.1
Introduction
The period interrupt timer (PIT) is an array of 24-bit timers that can be used to trigger peripheral modules
or raise periodic interrupts. Refer to Figure 13-1 for a simplified block diagram.
13.1.1
Glossary
13.1.2
Features
The PIT includes these features:
•
Four timers implemented as modulus down-counters with independent time-out periods.
•
Time-out periods selectable between 1 and 224 bus clock cycles. Time-out equals m*n bus clock
cycles with 1 <= m <= 256 and 1 <= n <= 65536.
•
Timers that can be enabled individually.
•
Four time-out interrupts.
•
Four time-out trigger output signals available to trigger peripheral modules.
•
Start of timer channels can be aligned to each other.
13.1.3
Modes of Operation
Refer to the SoC guide for a detailed explanation of the chip modes.
•
Run mode
This is the basic mode of operation.
•
Wait mode
Acronyms and Abbreviations
PIT
Periodic Interrupt Timer
ISR
Interrupt Service Routine
CCR
Condition Code Register
SoC
System on Chip
micro time bases
clock periods of the 16-bit timer modulus down-counters, which are generated by the 8-bit
modulus down-counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com