| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 551 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 551 Page - Freescale Semiconductor, Inc |
|
551 / 1350 page ![]() Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 551 13.4 Functional Description Figure 13-19 shows a detailed block diagram of the PIT module. The main parts of the PIT are status, control and data registers, two 8-bit down-counters, four 16-bit down-counters and an interrupt/trigger interface. Figure 13-19. PIT Detailed Block Diagram 13.4.1 Timer As shown in Figure 13-1and Figure 13-19, the 24-bit timers are built in a two-stage architecture with four 16-bit modulus down-counters and two 8-bit modulus down-counters. The 16-bit timers are clocked with two selectable micro time bases which are generated with 8-bit modulus down-counters. Each 16-bit timer is connected to micro time base 0 or 1 via the PMUX[3:0] bit setting in the PIT Multiplex (PITMUX) register. A timer channel is enabled if the module enable bit PITE in the PIT control and force load micro timer (PITCFLMT) register is set and if the corresponding PCE bit in the PIT channel enable (PITCE) register is set. Two 8-bit modulus down-counters are used to generate two micro time bases. As soon as a micro time base is selected for an enabled timer channel, the corresponding micro timer modulus down-counter will load its start value as specified in the PITMTLD0 or PITMTLD1 register and will start down-counting. Whenever the micro timer down-counter has counted to zero the PITMTLD register is reloaded and the connected 16-bit modulus down-counters count one cycle. PITMLD0 Register 8-Bit Micro Timer 0 PITCFLMT Register PITLD0 Register PITMLD1 Register 8-Bit Micro Timer 1 PITMUX Register PITFLT Register PITCNT0 Register Timer 0 PMUX0 PFLT0 4 4 PITTF Register PITINTE Register Interrupt / Hardware Trigger 4 Interrupt Request 4 PITLD1 Register PITCNT1 Register Timer 1 [1] PFLT1 PITLD2 Register PITCNT2 Register Timer 2 [2] PFLT2 PITLD3 Register PITCNT3 Register Timer 3 PMUX3 PFLT3 time-out 0 time- out 1 time- out 2 Time-Out 3 PFLMT [1] [0] Trigger Interface Bus Clock PIT_24B4C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |