Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 603 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 603 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 599Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 600Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 601Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 602Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 603Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 604Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 605Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 606Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 607Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
603
16.3.1.3
Interrupt Request Configuration Address Register (INT_CFADDR)
Read: Anytime
Write: Anytime
Address: 0x0127
76543210
R
INT_CFADDR[7:4]
0000
W
Reset
00010000
= Unimplemented or Reserved
Figure 16-5. Interrupt Configuration Address Register (INT_CFADDR)
Table 16-5. INT_CFADDR Field Descriptions
Field
Description
7–4
INT_CFADDR[7:4]
Interrupt Request Configuration Data Register Select Bits — These bits determine which of the 128
configuration data registers are accessible in the 8 register window at INT_CFDATA0–7. The hexadecimal
value written to this register corresponds to the upper nibble of the lower byte of the interrupt vector, i.e.,
writing 0xE0 to this register selects the configuration data register block for the 8 interrupt vector requests
starting with vector (vector base + 0x00E0) to be accessible as INT_CFDATA0–7.
Note: Writing all 0s selects non-existing configuration registers. In this case write accesses to
INT_CFDATA0–7 will be ignored and read accesses will return all 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com