Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 666 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 666 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 662Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 663Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 664Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 665Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 666Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 667Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 668Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 669Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 670Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
666
Freescale Semiconductor
18.3.2.7
EEPROM Page Index Register (EPAGE)
Read: Anytime
Write: Anytime
These eight index bits are used to page 1 KByte blocks into the EEPROM page window located in the local
(CPU or BDM) memory map from address 0x0800 to address 0x0BFF (see Figure 18-14). This supports
accessing up to 256 Kbytes of EEPROM (in the Global map) within the 64 KByte Local map. The
EEPROM page index register is effectively used to construct paged EEPROM addresses in the Local map
format.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 18-14. EPAGE Address Mapping
The reset value of 0xFE ensures that there is a linear EEPROM space available between addresses 0x0800
and 0x0FFF out of reset.
The fixed 1K page 0x0C00–0x0FFF of EEPROM is equivalent to page 255 (page number 0xFF).
Address: 0x0017
76543210
R
EP7
EP6
EP5
EP4
EP3
EP2
EP1
EP0
W
Reset
11111110
Figure 18-13. EEPROM Page Index Register (EPAGE)
Table 18-13. EPAGE Field Descriptions
Field
Description
7–0
EP[7:0]
EEPROM Page Index Bits 7–0 — These page index bits are used to select which of the 256 EEPROM array
pages is to be accessed in the EEPROM Page Window.
Bit16
Bit0
Bit9
Address [9:0]
EPAGE Register [7:0]
Global Address [22:0]
Bit10
Bit17
0
0
1
00
Address: CPU Local Address
or BDM Local Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com