Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 701 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 701 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 697Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 698Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 699Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 700Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 701Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 702Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 703Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 704Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 705Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
701
19.3.1.3
Debug Trace Control Register (DBGTCR)
Read: Anytime
Write: Bits 7:6 only when DBG is neither secure nor armed.
Bits 5:0 anytime the module is disarmed.
0x0022
76543210
R
TSOURCE
TRANGE
TRCMOD
TALIGN
W
Reset
00000000
Figure 19-5. Debug Trace Control Register (DBGTCR)
Table 19-8. DBGTCR Field Descriptions
Field
Description
7–6
TSOURCE
Trace Source Control Bits — The TSOURCE bits select the data source for the tracing session. If the MCU
system is secured, these bits cannot be set and tracing is inhibited. See Table 19-9.
5–4
TRANGE[5:4]
Trace Range Bits —The TRANGE bits allow filtering of trace information from a selected address range when
tracing from the CPU in detail mode. The XGATE tracing range cannot be narrowed using these bits. To use a
comparator for range filtering, the corresponding COMPE and SRC bits must remain cleared. If the COMPE bit
is not clear then the comparator will also be used to generate state sequence triggers or tags. If the SRC bit is
set the comparator is mapped to the XGATE busses, corrupting the trace. See Table 19-10.
3–2
TRCMOD[3:2]
Trace Mode Bits — See Section 19.4.5.2, “Trace Modes“ for detailed trace mode descriptions. In normal
mode, change of flow information is stored. In loop1 mode, change of flow information is stored but redundant
entries into trace memory are inhibited. In detail mode, address and data for all memory and register accesses
is stored. See Table 19-11
1–0
TALIGN[1:0]
Trigger Align Bits — These bits control whether the trigger is aligned to the beginning, end or the middle of a
tracing session. See Table 19-12.
Table 19-9. TSOURCE Trace Source Bit Encoding
TSOURCE
Tracing Source
00
No tracing requested
01
CPU
101
1 No range limitations are allowed. Thus tracing operates as if TRANGE = 00.
XGATE
111, 2
2 No detail mode tracing supported. If TRCMOD =10, no information is stored.
Both CPU and XGATE
Table 19-10. TRANGE Trace Range Encoding
TRANGE
Tracing Source
00
Trace from all addresses (No filter)
01
Trace only in address range from 0x0000 to comparator D
10
Trace only in address range from comparator C to 0x7FFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com