| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 719 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 719 Page - Freescale Semiconductor, Inc |
|
719 / 1350 page ![]() Chapter 19 Debug (S12XDBGV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 719 19.4.3.4 Trigger On XGATE S/W Breakpoint Request The XGATE S/W breakpoint request issues a forced breakpoint request to the CPU immediately independent of DBG settings. If the debug module is armed triggers the state sequencer into the disarmed state. Active tracing sessions are terminated immediately, thus if tracing has not yet begun using begin- trigger, no trace information is stored. XGATE generated breakpoints are independent of the DBGBRK bits. The XGSBPE bit in DBGC1 determines if the XGATE S/W breakpoint function is enabled. The BDM bit in DBGC1 determines if the XGATE requested breakpoint causes the system to enter BDM mode or initiate a software interrupt (SWI). 19.4.3.5 Immediate Trigger At any time independent of comparator matches or external tag signals it is possible to initiate a tracing session and/or breakpoint by writing to the TRIG bit in DBGC1. This triggers the state sequencer into the final state and issues a forced breakpoint request to both CPU and XGATE. 19.4.3.6 Trigger Priorities In case of simultaneous triggers, the priority is resolved according to Table 19-38. The lower priority trigger is suppressed. It is thus possible to miss a lower priority trigger if it occurs simultaneously with a trigger of a higher priority. The trigger priorities described in Table 19-38 dictate that in the case of simultaneous matches, the match on the lower channel number ([0,1,2,3) has priority. The SC[3:0] encoding ensures that a match leading to final state has priority over all other matches independent of current state sequencer state. When configured for range modes a simultaneous match of comparators A and C generates an active match0 while match2 is suppressed. Table 19-38. Trigger Priorities Priority Source Action Highest XGATE Immediate forced breakpoint......(Tracing terminated immediately). TRIG Enter final state External TAGHI/TAGLO Enter State0 Match0 (force or tag hit) Trigger to next state as defined by state control registers Match1 (force or tag hit) Trigger to next state as defined by state control registers Match2 (force or tag hit) Trigger to next state as defined by state control registers Lowest Match3 (force or tag hit) Trigger to next state as defined by state control registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |