| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 746 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 746 Page - Freescale Semiconductor, Inc |
|
746 / 1350 page ![]() Chapter 20 S12X Debug (S12XDBGV3) Module MC9S12XDP512 Data Sheet, Rev. 2.17 746 Freescale Semiconductor The trace buffer is visible through a 2-byte window in the register address map and can be read out using standard 16-bit word reads. Tracing is disabled when the MCU system is secured. 20.1.3 Features • Four comparators (A, B, C, and D) — Comparators A and C compare the full address bus and full 16-bit data bus — Comparators A and C feature a data bus mask register — Comparators B and D compare the full address bus only — Each comparator can be configured to monitor either S12XCPU or XGATE buses — Each comparator features control of R/W and byte/word access cycles — Comparisons can be used as triggers for the state sequencer • Three comparator modes — Simple address/data comparator match mode — Inside address range mode, Addmin ≤ Address ≤ Addmax — Outside address range match mode, Address < Addmin or Address > Addmax • Two types of triggers — Tagged — This triggers just before a specific instruction begins execution — Force — This triggers on the first instruction boundary after a match occurs. • Three types of breakpoints — S12XCPU breakpoint entering BDM on breakpoint (BDM) — S12XCPU breakpoint executing SWI on breakpoint (SWI) — XGATE breakpoint • Three trigger modes independent of comparators — External instruction tagging (associated with S12XCPU instructions only) — XGATE S/W breakpoint request — TRIG Immediate software trigger • Four trace modes — Normal: change of flow (COF) PC information is stored (see Section 20.4.5.2.1) for change of flow definition. — Loop1: same as Normal but inhibits consecutive duplicate source address entries — Detail: address and data for all cycles except free cycles and opcode fetches are stored — Pure PC: All program counter addresses are stored. • 4-stage state sequencer for trace buffer control — Tracing session trigger linked to Final State of state sequencer — Begin, End, and Mid alignment of tracing to trigger 20.1.4 Modes of Operation The S12XDBG module can be used in all MCU functional modes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |