Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 793 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 793 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 789Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 790Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 791Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 792Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 793Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 794Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 795Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 796Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 797Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
793
21.3.2.2
External Bus Interface Control Register 1 (EBICTL1)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data are read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
This register is used to configure the external access stretch (wait) function.
76543210
R
EWAITE
0000
EXSTR2
EXSTR1
EXSTR0
W
Reset
00000111
= Unimplemented or Reserved
Figure 21-4. External Bus Interface Control Register 1 (EBICTL1)
Table 21-5. EBICTL1 Field Descriptions
Field
Description
7
EWAITE
External Wait Enable — This bit enables the external access stretch function using the external EWAIT input
pin. Enabling this feature may have effect on the minimum number of additional stretch cycles (refer to
Table 21-6).
External wait feature is only active if enabled in normal expanded mode and emulation expanded mode; function
not available in all other operating modes.
0 External wait is disabled
1 External wait is enabled
2–0
EXSTR[2:0]
External Access Stretch Bits 2, 1, 0 — This three bit field determines the amount of additional clock stretch
cycles on every access to the external address space as shown in Table 21-6. The minimum number of stretch
cycles depends on the EWAITE setting.
Stretch cycles are added as programmed in normal expanded mode and emulation expanded mode; function
not available in all other operating modes.
Table 21-6. External Access Stretch Bit Definition
EXSTR[2:0]
Number of Stretch Cycles
EWAITE = 0
EWAITE = 1
000
1 cycle
>= 2 cycles
001
2 cycles
>= 2 cycles
010
3 cycles
>= 3 cycles
011
4 cycles
>= 4 cycles
100
5 cycles
>= 5 cycles
101
6 cycles
>= 6 cycles
110
7 cycles
>= 7 cycles
111
8 cycles
>= 8 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com