Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 798 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 798 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 794Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 795Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 796Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 797Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 798Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 799Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 800Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 801Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 802Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
798
Freescale Semiconductor
21.4.2.2.3
Read-Write-Read Access Timing
21.4.2.3
Internal Visibility Data
Depending on the access size and alignment, either a word of read data is made visible on the address lines
or only the related data byte will be presented in the ECLK low phase. For details refer to Table 21-16.
21.4.3
Accesses to Port Replacement Registers
All read and write accesses to PRR addresses take two bus clock cycles independent of the operating mode.
If writing to these addresses in emulation modes, the access is directed to both, the internal register and
the external resource while reads will be treated external.
The XEBI control registers also belong to this category.
21.4.4
Stretched External Bus Accesses
In order to allow fast internal bus cycles to coexist in a system with slower external resources, the XEBI
supports stretched external bus accesses (wait states).
This feature is available in normal expanded mode and emulation expanded mode for accesses to all
external addresses except emulation memory and PRR. In these cases the fixed access times are 1 or 2
cycles, respectively.
Table 21-15. Interleaved Read-Write-Read Accesses (1 Cycle)
Access #0
Access #1
Access #2
Bus cycle ->
...
12
3
...
ECLK phase
...
high
low
high
low
high
low
...
ADDR[22:20] / ACC[2:0]
...
addr 0
acc 0
addr 1
acc 1
addr 2
acc 2
...
ADDR[19:16] / IQSTAT[3:0] ...
iqstat -1
iqstat 0
iqstat 1
...
ADDR[15:0] / IVD[15:0]
...
?
ivd 0
x
...
DATA[15:0] (internal read)
...
?
zz
(write) data 1
z
...
DATA[15:0] (external read)
...
?
z
data 0
(write) data 1
z
...
R/W
...
1
1
0
0
1
1
...
Table 21-16. IVD Read Data Output
Access
IVD[15:8]
IVD[7:0]
Word read of data at an even and even+1 address
ivd(even)
ivd(even+1)
Word read of data at an odd and odd+1 internal RAM address (misaligned)
ivd(odd+1)
ivd(odd)
Byte read of data at an even address
ivd(even)
addr[7:0] (rep.)
Byte read of data at an odd address
addr[15:8] (rep.)
ivd(odd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com