Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 888 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 888 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 884Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 885Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 886Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 887Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 888Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 889Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 890Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 891Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 892Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 888 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
888
Freescale Semiconductor
A valid edge on an input is detected if 4 consecutive samples of a passive level are followed by
4 consecutive samples of an active level directly or indirectly.
The filters are continuously clocked by the bus clock in run and wait mode. In stop mode, the clock is
generated by an RC-oscillator in the port integration module. To maximize current saving the RC
oscillator runs only if the following condition is true on any pin individually:
Sample count <= 4 and interrupt enabled (PIE = 1) and interrupt flag not set (PIF = 0).
22.4.4
Expanded Bus Pin Functions
All peripheral ports T, S, M, P, H, J, AD0, and AD1 start up as general purpose inputs after reset.
Depending on the external mode pin condition, the external bus interface related ports A, B, C, D, E, and
K start up as general purpose inputs on reset or are configured for their alternate functions.
Table 22-70 lists the pin functions in relationship with the different operating modes. If two entries per pin
are displayed, a ‘mux’ indicates time-multiplexing between the two functions and an ‘or’ means that a
configuration bit exists which can be altered after reset to select the respective function (displayed in
italics). Refer to S12X_EBI section for details.
Table 22-70. Expanded Bus Pin Functions versus Operating Modes
Pin
Single-Chip Modes
Expanded Modes
Normal
Single-Chip
Special
Single-Chip
Normal
Expanded
Emulation
Single-Chip
Emulation
Expanded
Special
Test
PK7
GPIO
GPIO
GPIO
or
EWAIT
GPIO
GPIO
or
EWAIT
GPIO
PK[6:4]
GPIO
GPIO
ADDR[22:20]
or
GPIO
ADDR[22:20]
mux
ACC[2:0]
ADDR[22:20]
mux
ACC[2:0]
ADDR[22:20]
PK[3:0]
GPIO
GPIO
ADDR[19:16]
or
GPIO
ADDR[19:16]
mux
IQSTAT[3:0]
ADDR[19:16]
mux
IQSTAT[3:0]
ADDR[19:16]
PA[7:0]
GPIO
GPIO
ADDR[15:8]
or
GPIO
ADDR[15:8]
mux
IVD[15:8]
ADDR[15:8]
mux
IVD[15:8]
ADDR[15:8]
PB[7:1]
GPIO
GPIO
ADDR[7:1]
or
GPIO
ADDR[7:1]
mux
IVD[7:1]
ADDR[7:1]
mux
IVD[7:1]
ADDR[7:1]
PB0
GPIO
GPIO
UDS
or
GPIO
ADDR0
mux
IVD0
ADDR0
mux
IVD0
ADDR0
PC[7:0]
GPIO
GPIO
DATA[15:8]
or
GPIO
DATA[15:8]
DATA[15:8]
DATA[15:8]
or
GPIO
PD[7:0]
GPIO
GPIO
DATA[7:0]
DATA[7:0]
DATA[7:0]
DATA[7:0]
PE7
GPIO
or
ECLKX2
GPIO
or
ECLKX2
GPIO
or
ECLKX2
ECLKX2
ECLKX2
GPIO
or
ECLKX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com