| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 975 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 975 Page - Freescale Semiconductor, Inc |
|
975 / 1350 page ![]() MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 975 Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2) Introduction The S12XD family port integration module (below referred to as PIM) establishes the interface between the peripheral modules including the non-multiplexed external bus interface module (S12X_EBI) and the I/O pins for all ports. It controls the electrical pin properties as well as the signal prioritization and multiplexing on shared pins. This document covers the description of: • Port A, B • Port E associated with the IRQ, XIRQ interrupt inputs • Port K • Port T connected to the Enhanced Capture Timer (ECT) module • Port S associated with 2 SCI and 1 SPI modules • Port M associated with 2 MSCAN modules and 1 SCI module • Port P connected to the PWM and 1 SPI module — inputs can be used as an external interrupt source • Port H associated with 2 SCI modules — inputs can be used as an external interrupt source • Port J associated with 1 MSCAN, 1 SCI, and 1 IIC module — inputs can be used as an external interrupt source • Port AD1 associated with one 16-channel ATD module Most I/O pins can be configured by register bits to select data direction and drive strength, to enable and select pull-up or pull-down devices. Interrupts can be enabled on specific pins resulting in status flags. The I/O’s of 2 MSCAN and 2 SPI modules can be routed from their default location to alternative port pins. NOTE The implementation of the PIM is device dependent. Therefore some functions are not available on certain derivatives or80-pin package options. 24.0.1 Features A full-featured PIM module includes these distinctive registers: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |