Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 124Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 125Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 126Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 127Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 128Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 129Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 130Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 131Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
128
Freescale Semiconductor
.
NOTE
Register Address = Base Address + Address Offset, where the Base Address
is defined at the MCU level and the Address Offset is defined at the module
level.
Table 4-1. ATD10B16CV4 Memory Map
Address Offset
Use
Access
0x0000
ATD Control Register 0 (ATDCTL0)
R/W
0x0001
ATD Control Register 1 (ATDCTL1)
R/W
0x0002
ATD Control Register 2 (ATDCTL2)
R/W
0x0003
ATD Control Register 3 (ATDCTL3)
R/W
0x0004
ATD Control Register 4 (ATDCTL4)
R/W
0x0005
ATD Control Register 5 (ATDCTL5)
R/W
0x0006
ATD Status Register 0 (ATDSTAT0)
R/W
0x0007
Unimplemented
0x0008
ATD Test Register 0 (ATDTEST0)1
1 ATDTEST0 is intended for factory test purposes only.
R
0x0009
ATD Test Register 1 (ATDTEST1)
R/W
0x000A
ATD Status Register 2 (ATDSTAT2)
R
0x000B
ATD Status Register 1 (ATDSTAT1)
R
0x000C
ATD Input Enable Register 0 (ATDDIEN0)
R/W
0x000D
ATD Input Enable Register 1 (ATDDIEN1)
R/W
0x000E
Port Data Register 0 (PORTAD0)
R
0x000F
Port Data Register 1 (PORTAD1)
R
0x0010, 0x0011
ATD Result Register 0 (ATDDR0H, ATDDR0L)
R/W
0x0012, 0x0013
ATD Result Register 1 (ATDDR1H, ATDDR1L)
R/W
0x0014, 0x0015
ATD Result Register 2 (ATDDR2H, ATDDR2L)
R/W
0x0016, 0x0017
ATD Result Register 3 (ATDDR3H, ATDDR3L)
R/W
0x0018, 0x0019
ATD Result Register 4 (ATDDR4H, ATDDR4L)
R/W
0x001A, 0x001B
ATD Result Register 5 (ATDDR5H, ATDDR5L)
R/W
0x001C, 0x001D
ATD Result Register 6 (ATDDR6H, ATDDR6L)
R/W
0x001E, 0x001F
ATD Result Register 7 (ATDDR7H, ATDDR7L)
R/W
0x0020, 0x0021
ATD Result Register 8 (ATDDR8H, ATDDR8L)
R/W
0x0022, 0x0023
ATD Result Register 9 (ATDDR9H, ATDDR9L)
R/W
0x0024, 0x0025
ATD Result Register 10 (ATDDR10H, ATDDR10L)
R/W
0x0026, 0x0027
ATD Result Register 11 (ATDDR11H, ATDDR11L)
R/W
0x0028, 0x0029
ATD Result Register 12 (ATDDR12H, ATDDR12L)
R/W
0x002A, 0x002B
ATD Result Register 13 (ATDDR13H, ATDDR13L)
R/W
0x002C, 0x002D
ATD Result Register 14 (ATDDR14H, ATDDR14L)
R/W
0x002E, 0x002F
ATD Result Register 15 (ATDDR15H, ATDDR15L)
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com