| Electronic Components Datasheet Search |
|
PC312XDP512F0CAL Datasheet(PDF) 887 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CAL Datasheet(HTML) 887 Page - Freescale Semiconductor, Inc |
|
887 / 1350 page ![]() Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 887 22.4.3 Pin Interrupts Ports P, H and J offer pin interrupt capability. The interrupt enable as well as the sensitivity to rising or falling edges can be individually configured on per-pin basis. All bits/pins in a port share the same interrupt vector. Interrupts can be used with the pins configured as inputs or outputs. An interrupt is generated when a bit in the port interrupt flag register and its corresponding port interrupt enable bit are both set. The pin interrupt feature is also capable to wake up the CPU when it is in STOP or WAIT mode. A digital filter on each pin prevents pulses (Figure 22-78) shorter than a specified time from generating an interrupt. The minimum time varies over process conditions, temperature and voltage (Figure 22-77 and Table 22-69). Figure 22-77. Interrupt Glitch Filter on Port P, H, and J (PPS = 0) Figure 22-78. Pulse Illustration Table 22-69. Pulse Detection Criteria Pulse Mode STOP Unit STOP1 1 These values include the spread of the oscillator frequency over temperature, voltage and process. Ignored tpulse ≤ 3 Bus clocks tpulse ≤ tpign Uncertain 3 < tpulse < 4 Bus clocks tpign < tpulse < tpval Valid tpulse ≥ 4 Bus clocks tpulse ≥ tpval Glitch, filtered out, no interrupt flag set Valid pulse, interrupt flag set tpign tpval uncertain tpulse |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |