Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4938 Datasheet(PDF) 288 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 288 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 292Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 716 page
background image
Chapter 10 PCI Controller
10-12
It is possible to set each space to valid/invalid, pre-fetch Read to valid/invalid, or to perform Word
Swap (see10.3.7). Table 10.3.5 shows the settings registers for these properties.
When pre-fetch Reads are set to valid, data transfer is performed on the G-Bus according to the size
set by the Target Pre-fetch Read Burst Length Field (P2GCFG.TPRBL) of the P2G Configuration
Register during a PCI target Read transaction. This is performed using accesses to resources that will
not be affected even if a pre-read such as memory is performed. Also, PCI Burst Reads to memory
spaces that were set to I/O space and pre-fetch disable are not supported.
Note: Always use PCI single reads. Don’t use burst reads.
Table 10.3.5 Target Access Space Properties Register
Enable
Pre-fetch (Initial State)
Word Swap
Memory Space 0
PCICCFG.TCAR & MemEnable &
P2GM0GBASE.P2GM0EN
P2GCFG.MEM0PD (valid)
P2GM0GBASE.BSWAP
Memory Space 1
PCICCFG.TCAR & MemEnable &
P2GM1GBASE.P2GM1EN
P2GCFG.MEM1PD (valid)
P2GM1GBASE.BSWAP
Memory Space 2
PCICCFG.TCAR & MemEnable &
P2GM2GBASE.P2GM2EN
P2GCFG.MEM2PD (invalid)
P2GM2GBASE.BSWAP
I/O Space
PCICCFG.TCAR & IOEnable &
P2GIOGBASE.P2GIOEN
Always invalid
P2GIOGBASE.BSWAP
MemEnable
:
Host mode:
PCI State Command Register Memory Space bit (PCISTATUS.MEMSP)
Satellite mode: Command Register Memory Space bit
IOEnable
:
Host mode:
PCI State Command Register I/O Space bit (PCISTATUS.IOSP)
Satellite mode: Command Register I/O Space bit
10.3.6 Post Write Function
The Post Write function improves system performance by completing the original bus Write
transaction without waiting for the other bus to complete its transaction when the first bus issues a Write
transaction. Initiator Write can Post Write a maximum of four Write transactions, and Target Write can
Post Write a maximum of nine Write transactions.
Due to compatibility issues with old PC software in the PCI specifications, performing Post Writes
with Initiator Configuration Write and Target I/O Write is not recognized. However, the TX4938 PCI
Controller can even perform Post Writes to these functions. In order to guarantee that these Writes are
completed by the target device, please execute Reads to the device that performed the Write, then either
refer to the read value (so the TX49/H3 core can support non-blocking load) or execute the SYNC
instruction.
10.3.7 Endian Switching Function
The TX4938 supports both the Little Endian mode and the Bit Endian mode. On the other hand, the
PCI Bus is only defined in Little Endian logic. Therefore, when the TX4938 is in the Big Endian mode,
either the software or the hardware must perform some kind of conversion when exchanging data larger
than 2 B in size with the PCI Bus.
The PCI Controller can specify the endian switching function that reverses the byte arrangement of
the DWORD (32-bit) data for each access window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com