Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP93CS32F Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-118
Serial channel 0 and 1 can be used independently. All serial channels operate in the
same manner, and thus only operation of serial channel 0 will be explained below.
1. Prescaler
There are 9-bit prescaler and prescaler clock selection registers to generate input
clock for 8-bit timers 0, 1, 2, 3 and 16-bits timers 4, 5 and Serial interface 0, 1.
Figure 3.9.11 shows the block diagram. Table 3.9.1 shows prescaler clock resolution
into the baud rate generator.
Figure 3.9.11 The Block Diagram of Prescaler
Table 3.9.1 Prescaler Clock Resolution to Baud Rate Generator
at fc = 20 MHz
Prescaler Output Clock Resolution
Select Prescaler
Clock
<PRCK1:0>
Gear value
<GEAR2:0>
φT0
φT2
φT8
φT32
000 (fc)
fc/2
2
(0.2
µs)
fc/2
4
(0.8
µs)
fc/2
6
(3.2
µs)
fc/2
8
(12.8
µs)
001 (fc/2)
fc/2
3
(0.4
µs)
fc/2
5
(1.6
µs)
fc/2
7
(6.4
µs)
fc/2
9
(25.6
µs)
010 (fc/4)
fc/2
4
(0.8
µs)
fc/2
6
(3.2
µs)
fc/2
8
(12.8
µs)
fc/2
10
(51.2
µs)
011 (fc/8)
fc/2
5
(1.6
µs)
fc/2
7
(6.4
µs)
fc/2
9
(25.6
µs)
fc/2
11
(102.4
µs)
00
(fFPH)
100 (fc/16)
fc/2
6
(3.2
µs)
fc/2
8
(12.8
µs)
fc/2
10
(51.2
µs)
fc/2
12
(204.8
µs)
10
(fc/16 clock)
XXX
−
fc/2
8
(12.8
µs)
fc/2
10
(51.2
µs)
fc/2
12
(204.8
µs)
XXX: Don’t care
−: Can not use
512
256
128
64
32
16
8
4
2
φT1
φT4
φT16
φT256
φT1
φT4
φT16
φ1
φT0
φT2
φT8
φT32
÷2
÷2
÷4
÷16
÷8
÷4
÷2
To CPU
System clock (fSYS)
9-bit Prescaler
To 8-bit timers
0, 1, 2, and 3
X1
fc/16
fc/8
fc/4
fc/2
fc
SYSCR1<GEAR2:0>
TRUN<PRRUN>
SYSCR0
<PRCK1:0>
Run/Stop
& clear
To 16-bit timers 4
and 5
To serial
interfaces 0 and 1
fFPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com