Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP93CS45 Datasheet(PDF) 121 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 121 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 125Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-119
3. Pulse width measurement
This mode allows to measure the “H” level width of an external pulse. While
keeping the 16-bit timer/event counter counting (Free running) with the internal
clock input, the external pulse is input through the TI4 pin. Then the capture
function is used to load the UC4 values into CAP1 and CAP2 at the rising edge
and falling edge of the external trigger pulse respectively. The interrupt INT4
occurs at the falling edge of TI4.
The pulse width is obtained from the difference between the values of CAP1 and
CAP2 and the internal clock cycle.
For example, if the internal clock is 0.8 microseconds and the difference
between CAP1 and CAP2 is 100, the pulse width will be 100
× 0.8 µs = 80 µs.
Additionally, the pulse width which is over the UC4 maximum count time
specified by the clock source can be measured by changing software.
Figure 3.8.16 Pulse Width Measurement
Note:
Only in this pulse width measuring mode (T4MOD<CAP12M1:0>
= 10),
external interrupt INT4 occurs at the falling edge of TI4 pin input. In other
modes, it occurs at the rising edge.
The width of “L” level can be measured by multiplying the difference between
the first C2 and the second C1 at the second INT interrupt and the internal clock
cycle together. See Figure 3.8.17 “Time Difference Measurement”.
C1
C2
C1
C2
C2
C1
TI4 pin (External pulse)
Loading UC16 into CAP1
Count clock
(Internal clock)
Loading UC16 into CAP2
INT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com