Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 138 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 134Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 135Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 136Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 137Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 138Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 139Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 140Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 141Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 293 page
background image
SPI (synchronous peripheral interface)
uPSD34xx
138/293
Figure 48.
SPI interface, master mode only
24.5
SPI configuration
The SPI interface is reset by the MCU reset, and firmware needs to initialize the SFRs
SPICON0, SPICON1, and SPICLKD to define several operation parameters.
The SPO Bit in SPICON0 determines the clock polarity. When SPO is set to '0,' a data bit is
transmitted on SPITxD from one rising edge of SPICLK to the next and is guaranteed to be
valid during the falling edge of SPICLK. When SPO is set to '1,' a data bit is transmitted on
SPITxD from one falling edge of SPICLK to the next and is guaranteed to be valid during the
rising edge of SPICLK. The uPSD34xx will sample received data on the appropriate edge of
SPICLK as determined by SPO. The effect of the SPO Bit can be seen in Figure 46 and
Figure 47 on page 137.
The FLSB Bit in SPICON0 determines the bit order while transmitting and receiving the 8-bit
data. When FLSB is '0,' the 8-bit data is transferred in order from MSB (first) to LSB (last).
When FLSB Bit is set to '1,' the data is transferred in order from LSB (first) to MSB (last).
The clock signal generated on SPICLK is derived from the internal PERIPH_CLK signal.
PERIPH_CLK always operates at the frequency, fOSC, and runs constantly except when
stopped in MCU Power Down mode. SPICLK is a result of dividing PERIPH_CLK by a sum
of different divisors selected by the value contained in the SPICLKD register. The default
value in SPICLKD after a reset divides PERIPH_CLK by a factor of 4. The bits in SPICLKD
can be set to provide resulting divisor values in of sums of multiples of 4, such as 4, 8, 12,
SPITDR - TRANSMIT REGISTER
SPITxD / P1.6 or P4.6
TIMING AND CONTROL
(fOSC)
INTR
to
8032
SPIRDR - RECEIVE REGISTER
8-bit SHIFT REGISTER
8
8
8
8
SPIRxD /
P1.5 or P4.5
SPICON0, SPICON1
- CONTROL REGISTERS
8
SPISTAT - STATUS REGISTER
8
8032 MCU DATA BUS
CLOCK
GENERATE
SPISEL / P1.7 or P4.7
SPICLK / P1.4 or P4.4
CLOCK
DIVIDE
÷1
÷4
÷8
÷16
÷32
÷64
÷128
SPICLKD - DIVIDE SELECT
8
PERIPH_CLK
AI10486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com