Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 181 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 177Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 178Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 179Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 180Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 181Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 182Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 183Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 184Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 293 page
background image
uPSD34xx
Programmable counter array (PCA) with PWM
181/293
27.10
PWM mode - fixed frequency, 10-bit
The 10-bit PWM logic requires that all 3 TCMs in PCA0 or PCA1 operate in the same 10-bit
PWM mode. The 10-bit PWM operates in a similar manner as the 16-bit PWM, except the
PCACHm and PCACLm counters are reconfigured as 10-bit counters. The CAPCOMHn and
CAPCOMLn Registers become 10-bit registers.
PWM duty cycle of each TCM module can be specified in the 10-bit CAPCOMHn and
CAPCOMLn Registers. When the 10-bit PCA counter is equal or greater than the values in
the 10-bit registers CAPCOMHn and CAPCOMLn, the PWM output switches to a high state.
When the 10-bit PCA counter overflows, the PWM pin is switched to a logic low and starts
the next PWM pulse.
The most-significant 6 bits in the PCACHm counter and CAPCOMH Register are “Don’t
cares” and have no effect on the PWM generation.
27.11
Writing to capture/compare registers
When writing a 16-bit value to the PCA Capture/Compare registers, the low byte should
always be written first. Writing to CAPCOMLn clears the E_COMP Bit to '0'; writing to
CAPCOMHn sets E_COMP to '1' the largest duty cycle is 100% (CAPCOMHn CAPCOMLn
= 0x0000), and the smallest duty cycle is 0.0015% (CAPCOMHn CAPCOMLn = 0xFFFF). A
0% duty cycle may be generated by clearing the E_COMP Bit to ‘0’.
27.12
Control register bit definition
Each PCA has its own PCA_CONFIGn, and each module within the PCA block has its own
TCM_Mode Register which defines the operation of that module (see Table 96 on page 182
through Table 97 on page 182). There is one PCA_STATUS Register that covers both PCA0
and PCA1 (see Table 98 on page 183).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com