Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 213 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 209Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 210Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 211Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 212Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 213Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 214Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 215Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 216Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 293 page
background image
uPSD34xx
PSD module
213/293
The DPLD performs address decoding, and generates select signals for internal and
external components, such as memory, registers, and I/O ports. The DPLD can generate
External Chip-Select (ECS1-ECS2) signals on Port D.
The GPLD can be used for logic functions, such as loadable counters and shift registers,
state machines, encoding and decoding logic. These logic functions can be constructed
from a combination of 16 Output Macrocells (OMC), 20 Input Macrocells (IMC), and the
AND-OR Array.
Routing of the 16 OMCs outputs can be divided between pins on three Ports A, B, or C by
the OMC Allocator as shown in Figure 78 on page 221. Eight of the 16 OMCs that can be
routed to pins on Port A or Port B and are named MCELLAB0-MCELLAB7. The other eight
OMCs to be routed to pins on Port B or Port C and are named MCELLBC0-MCELLBC7.
This routing depends on the pin number assignments that are specified in PSDsoft Express
for “PLD Outputs” in the Pin Definition section. OMC outputs can also be routed internally
(not to pins) used as buried nodes to create shifters, counters, etc.
The AND-OR Array is used to form product terms. These product terms are configured from
the logic definitions entered in PSDsoft Express. A PLD Input Bus consisting of 69 signals is
connected to both PLDs. Input signals are shown in Table 111, both the true and
compliment versions of each of these signals are available at inputs to each PLD.
Note:
The 8032 data bus, D0 - D7, does not route directly to PLD inputs. Instead, the 8032 data
bus has indirect access to the GPLD (not the DPLD) when the 8032 reads and writes the
OMC and IMC registers within csiop address space.
28.5.25
Turbo bit and PLDs
The PLDs can minimize power consumption by going to standby after ALL the PLD inputs
remain unchanged for an extended time (about 70ns). When the Turbo Bit is set to logic one
(Bit 3 of the csiop PMMR0 Register), Turbo mode is turned off and then this automatic
standby mode is achieved. Turning off Turbo mode increases propagation delays while
reducing power consumption. The default state of the Turbo Bit is logic zero, meaning Turbo
mode is on. Additionally, four bits are available in the csiop PMMR0 and PMMR2 Registers
to block the 8032 bus control signals (RD, WR, PSEN, ALE) from entering the PLDs. This
reduces power consumption and can be used only when these 8032 control signals are not
used in PLD logic equations. See Section 28.5.51: Power management on page 241.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com