Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 251 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 247Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 248Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 249Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 250Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 251Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 252Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 253Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 254Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 293 page
background image
uPSD34xx
PSD module
251/293
In PLD I/O mode, pins of Ports A, B, C, and D may also float during reset if no external
device is driving them, and if there is no equation specified for the DPLD or GPLD to make
them an output. In this case, a weak external pull-up resistor (100K
Ω minimum) should be
used on floating pins to avoid excessive current draw.
The pins on Ports 1, 3, and 4 of the 8032 MCU module do have weak internal pull-ups and
the inputs will not float, so no external pull-ups are needed.
Table 148.
Function status during power-up reset, warm reset, power-down mode
Note:
1
VM register Bit 7 (PIO_EN) and Bit 0 (SRAM in 8032 program space) are cleared to zero at
power-up and warm reset conditions.
28.6.1
JTAG ISP and JTAG debug
An IEEE 1149.1 serial JTAG interface is used on uPSD34xx devices for ISP (In-System
Programming) of the PSD module, and also for debugging firmware on the MCU Module.
IEEE 1149.1 Boundary Scan operations are not supported in the uPSD34xx.
The main advantage of JTAG ISP is that a blank uPSD34xx device may be soldered to a
circuit board and programmed with no involvement of the 8032, meaning that no 8032
Port Configuration
Power-Up Reset
Warm Reset
APD Power-down
Mode
MCU I/O
Pins are in input mode
Pins are in input mode
Pin logic state is
unchanged
PLD I/O
Pin logic is valid after
internal PSD Module
configuration bits are
loaded. Happens long
before RST is de-
asserted
Pin logic is valid and is
determined by PLD
logic equations
Pin logic depends on
inputs to PLD (8032
addresses are blocked
from reaching PLD
inputs during power-
down mode)
Latched Address Out
Mode
Pins are High
Impedance
Pins are High
Impedance
Pins logic state not
defined since 8032
address signals are
blocked
Peripheral I/O Mode
Pins are High
Impedance
Pins are High
Impedance
Pins are High
Impedance
JTAG ISP and Debug
JTAG channel is active
and available
JTAG channel is active
and available
JTAG channel is active
and available
Register
Power-Up Reset
Warm Reset
APD Power-down
Mode
PMMR0 and PMMR2
Cleared to 00h
Unchanged
Unchanged
Output of OMC Flip-
flops
Cleared to ’0’
Depends on .re and .pr
equations
Depends on .re and .pr
equations
VM Register(1)
Initialized with value
that was specified in
PSDsoft
Initialized with value
that was specified in
PSDsoft
Unchanged
All other csiop registers
Cleared to 00h
Cleared to 00h
Unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com