Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F273E Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 130Page - STMicroelectronics ST10F273E Datasheet HTML 131Page - STMicroelectronics ST10F273E Datasheet HTML 132Page - STMicroelectronics ST10F273E Datasheet HTML 133Page - STMicroelectronics ST10F273E Datasheet HTML 134Page - STMicroelectronics ST10F273E Datasheet HTML 135Page - STMicroelectronics ST10F273E Datasheet HTML 136Page - STMicroelectronics ST10F273E Datasheet HTML 137Page - STMicroelectronics ST10F273E Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 179 page
background image
Electrical characteristics
ST10F273E
134/179
.
24.7
A/D converter characteristics
VDD = 5V ± 10%, VSS = 0V, TA = –40 to +125°C, 4.5V ≤VAREF ≤VDD,
VSS ≤VAGND ≤VSS + 0.2V
Table 66.
Flash data retention characteristics
Number of program / erase
cycles
(-40°C
≤TA ≤125°C)
Data retention time
(average ambient temperature 60°C)
256 Kbyte (code store)
64 Kbyte
(EEPROM emulation)
0 - 100
> 20 years
> 20 years
1,000
-
> 20 years
10,000
-
10 years
100,000
-
1 year
Table 67.
A/D converter characteristics
Symbol
Parameter
Test condition
Limit values
Unit
Min.
Max.
V
AREF
SR
Analog reference voltage (1)
4.5
VDD
V
V
AGND
SR
Analog ground voltage
VSS
VSS + 0.2 V
V
AIN
SR
Analog input voltage (2)
VAGND
VAREF
V
I
AREF
CC Reference supply current
Running mode (3)
Power down mode
–
–
5
1
mA
µA
t
S
CC Sample time
(4)
1–
µs
t
C
CC Conversion time
(5)
3–
µs
DNL CC Differential non linearity (6)
No overload
–1
+1
LSB
INL
CC Integral non linearity (6)
No overload
–1.5
+1.5
LSB
OFS CC Offset error (6)
No overload
–1.5
+1.5
LSB
TUE CC Total unadjusted error (6)
Port5
Port1 - No overload(3)
Port1 - Overload(3)
–2.0
–5.0
–7.0
+2.0
+5.0
+7.0
LSB
K
CC Coupling factor between inputs (3) (7)
On both Port5 and
Port1
–10–6
–
CP1 CC
Input pin capacitance (3) (8)
–3
pF
CP2 CC
Port5
Port1
–
4
6
pF
CS
CC Sampling capacitance (3) (8)
–3.5
pF
RSW CC
Analog switch resistance (3) (8)
Port5
Port1
–
–
600
1600
W
RAD CC
–1300
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com