Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS49BUG Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 294 page
background image
Page 156
13. Asynchronous Serial interface (UART2 )
13.9 Status Flag
TMP86FS49BUG
Figure 13-7 Generation of Overrun Error
Note:Receive operations are disabled until the overrun error flag UART2SR<OERR> is cleared.
13.9.4 Receive Data Buffer Full
Loading the received data in RD2BUF sets receive data buffer full flag UART2SR<RBFL> to "1". The
UART2SR<RBFL> is cleared to “0” when the RD2BUF is read after reading the UART2SR.
Figure 13-8 Generation of Receive Data Buffer Full
Note:If the overrun error flag UART2SR<OERR> is set during the period between reading the UART2SR and read-
ing the RD2BUF, it cannot be cleared by only reading the RD2BUF. Therefore, after reading the RD2BUF,
read the UART2SR again to check whether or not the overrun error flag which should have been cleared still
remains set.
13.9.5 Transmit Data Buffer Empty
When no data is in the transmit buffer TD2BUF, that is, when data in TD2BUF are transferred to the transmit
shift register and data transmit starts, transmit data buffer empty flag UART2SR<TBEP> is set to “1”. The
UART2SR<TBEP> is cleared to “0” when the TD2BUF is written after reading the UART2SR.
Final bit
Stop
Shift register
xxxx0*
1xxxx0
yyyy
xxx0**
RXD2 pin
UART2SR<OERR>
INTRXD2 interrupt
After reading UART2SR then
RD2BUF clears OERR.
RD2BUF
UART2SR<RBFL>
Final bit
Stop
Shift register
xxxx0*
1xxxx0
xxxx
yyyy
xxx0**
RXD2 pin
UART2SR<RBFL>
INTRXD2 interrupt
RD2BUF
After reading UART2SR then
RD2BUF clears RBFL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com