Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS49AUG Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMP86FS49AUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AUG Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMP86FS49AUG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 104Page - Toshiba Semiconductor TMP86FS49AUG Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 294 page
background image
Page 85
TMP86FS49AUG
8.3.4 Window Mode
In the window mode, the up-counter counts up at the rising edge of the pulse that is logical ANDed product
of the input pulse to the TC1 pin (window pulse) and the internal source clock. Either the positive logic (count
up during high-going pulse) or negative logic (count up during low-going pulse) can be selected.
When a match between the up-counter and the TC1DRA value is detected, an INTTC1 interrupt is generated
and the up-counter is cleared.
Define the window pulse to the frequency which is sufficiently lower than the internal source clock pro-
grammed with TC1CR<TC1CK>.
Figure 8-5 Window Mode Timing Chart
Match detect
TC1DRA
INTTC1
interrput request
interrput request
Internal clock
Counter
TC1DRA
TC1 pin input
Internal clock
Counter
TC1 pin input
INTTC1
(a) Positive logic (TC1S = 10)
(b) Negative logic (TC1S = 11)
?
?
Match detect
1
0
7
47
5
46
31
2
1
0
7
5
3
6
2
0
2
3
Counter clear
Timer start
89
0
1
9
Timer start
Counter
clear
Count start
Count stop
Count start
Count start
Count stop
Count start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com