Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS28DFG Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 104Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 105Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 272 page
background image
Page 90
8. 16-Bit TimerCounter (TC10,TC11)
8.1 16-Bit TimerCounter 10
TMP86FS28DFG
8.1.3.4 Window Mode
In the window mode, the up-counter counts up at the rising edge of the pulse that is logical ANDed
product of the input pulse to the TC10 pin (window pulse) and the internal source clock. Either the posi-
tive logic (count up during high-going pulse) or negative logic (count up during low-going pulse) can be
selected.
When a match between the up-counter and the TC10DRA value is detected, an INTTC10 interrupt is
generated and the up-counter is cleared.
Define the window pulse to the frequency which is sufficiently lower than the internal source clock pro-
grammed with TC10CR<TC10CK>.
Figure 8-5 Window Mode Timing Chart
Match detect
TC10DRA
INTTC10
interrput request
interrput request
Internal clock
Counter
TC10DRA
TC10 pin input
Internal clock
Counter
TC10 pin input
INTTC10
(a) Positive logic (TC10S = 10)
(b) Negative logic (TC10S = 11)
?
?
Match detect
1
0
7
47
5
46
31
2
1
0
7
5
3
6
2
0
2
3
Counter clear
Timer start
89
0
1
9
Timer start
Counter
clear
Count start
Count stop
Count start
Count start
Count stop
Count start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com