Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521AR6TC Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST72F521AR6TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521AR6TC Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST72F521AR6TC Datasheet HTML 132Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 133Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 134Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 135Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 136Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 137Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 138Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 139Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 215 page
background image
ST72F521, ST72521B
136/215
CONTROLLER AREA NETWORK (Cont’d)
10.8.4 Register Description
The CAN registers are organized as 6 general pur-
pose registers plus 5 pages of 16 registers span-
ning the same address space and primarily used
for message and filter storage. The page actually
selected is defined by the content of the Page Se-
lection Register.
10.8.4.1 General Purpose Registers
INTERRUPT STATUS REGISTER (ISR)
Read/Write
Reset Value: 00h
Bit 7 = RXIF3 Receive Interrupt Flag for Buffer 3
− Read/Clear
Set by hardware to signal that a new error-free mes-
sage is available in buffer 3.
Cleared by software to release buffer 3.
Also cleared by resetting bit RDY of BCSR3.
Bit 6 = RXIF2 Receive Interrupt Flag for Buffer 2
− Read/Clear
Set by hardware to signal that a new error-free
message is available in buffer 2.
Cleared by software to release buffer 2.
Also cleared by resetting bit RDY of BCSR2.
Bit 5 = RXIF1 Receive Interrupt Flag for Buffer 1
− Read/Clear
Set by hardware to signal that a new error-free mes-
sage is available in buffer 1.
Cleared by software to release buffer 1.
Also cleared by resetting bit RDY of BCSR1.
Bit 4 = TXIF Transmit Interrupt Flag
− Read/Clear
Set by hardware to signal that the highest priority
message queued for transmission has been suc-
cessfully transmitted.
Cleared by software.
Bit 3 = SCIF Status Change Interrupt Flag
− Read/Clear
Set by hardware to signal the reception of a domi-
nant bit while in standby mode. In Run mode this bit
is set when EPVS is set or reset (refer to Figure 71.
CAN Error State Diagram). This bit also signals any
receive error when ESCI=1.
Cleared by software.
Bit 2 = ORIF Overrun Interrupt Flag
− Read/Clear
Set by hardware to signal that a message could not
be stored because no receive buffer was available.
Cleared by software.
Bit 1 = TEIF Transmit Error Interrupt Flag
− Read/Clear
Set by hardware to signal that an error occurred dur-
ing the transmission of the highest priority message
queued for transmission.
Cleared by software.
Bit 0 = EPND Error Interrupt Pending
− Read Only
Set by hardware when at least one of the three error
interrupt flags SCIF, ORIF or TEIF is set.
Reset by hardware when all error interrupt flags
have been cleared.
Caution:
Interrupt flags are reset by writing a “0” to the cor-
responding bit position. The appropriate way con-
sists in writing an immediate mask or the one’s com-
plement of the register content initially read by the
interrupt handler. Bit manipulation instruction
BRES should never be used due to its read-modify-
write nature.
70
RXIF3 RXIF2 RXIF1
TXIF
SCIF
ORIF
TEIF
EPND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com