Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521AR6TC Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST72F521AR6TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521AR6TC Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST72F521AR6TC Datasheet HTML 201Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 202Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 203Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 204Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 205Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 206Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 207Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 208Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 215 page
background image
ST72F521, ST72521B
205/215
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
Table 30. Orderable Flash Device Types
Part Number
Version
Package
Flash
Memory
(Kbytes)
Temp. Range
ST72F521AR6TC
Automotive
TQFP64 10 x 10
32
-40°C +125°C
ST72F521AR9TC
60
ST72F521R6TC
TQFP64 14 x 14
32
ST72F521R9TC
60
ST72F521M9TC
TQFP80
60
ST72F521AR6T3
Standard
TQFP64 10 x 10
32
-40°C +125°C
ST72F521AR9T3
60
ST72F521R6T3
TQFP64 14 x 14
32
ST72F521R9T3
60
ST72F521M9T3
TQFP80
60
ST72F521AR6T6
Standard
TQFP64 10 x 10
32
-40°C +85°C
ST72F521AR9T6
60
ST72F521R6T6
TQFP64 14 x 14
32
ST72F521R9T6
60
ST72F521M9T6
TQFP80
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com