Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521R9TC Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST72F521R9TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R9TC Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST72F521R9TC Datasheet HTML 131Page - STMicroelectronics ST72F521R9TC Datasheet HTML 132Page - STMicroelectronics ST72F521R9TC Datasheet HTML 133Page - STMicroelectronics ST72F521R9TC Datasheet HTML 134Page - STMicroelectronics ST72F521R9TC Datasheet HTML 135Page - STMicroelectronics ST72F521R9TC Datasheet HTML 136Page - STMicroelectronics ST72F521R9TC Datasheet HTML 137Page - STMicroelectronics ST72F521R9TC Datasheet HTML 138Page - STMicroelectronics ST72F521R9TC Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 215 page
background image
ST72F521, ST72521B
135/215
CONTROLLER AREA NETWORK (Cont’d)
10.8.3.4 Bit Timing Logic
The bit timing logic monitors the serial bus-line and
performs sampling and adjustment of the sample
point by synchronizing on the start-bit edge and re-
synchronizing on following edges.
Its operation may be explained simply when the
nominal bit time is divided into three segments as
follows:
– Synchronisation segment (SYNC_SEG): a bit
change is expected to lie within this time seg-
ment. It has a fixed length of one time quanta (1
x tCAN).
– Bit segment 1 (BS1): defines the location of the
sample point. It includes the PROP_SEG and
PHASE_SEG1 of the CAN standard. Its duration
is programmable between 1 and 16 time quanta
but may be automatically lengthened to compen-
sate for positive phase drifts due to differences in
the frequency of the various nodes of the net-
work.
– Bit segment 2 (BS2): defines the location of the
transmit point. It represents the PHASE_SEG2
of the CAN standard. Its duration is programma-
ble between 1 and 8 time quanta but may also be
automatically shortened to compensate for neg-
ative phase drifts.
– Resynchronization Jump Width (RJW): de-
fines an upper bound to the amount of lengthen-
ing or shortening of the bit segments. It is
programmable between 1 and 4 time quanta.
To guarantee the correct behaviour of the CAN
controller, SYNC_SEG + BS1 + BS2 must be
greater than or equal to 5 time quanta.
The CAN controller resynchronizes on recessive
to dominant edges only.
For a detailed description of the CAN resynchroni-
zation mechanism and other bit timing configura-
tion constraints, please refer to the Bosch CAN
standard 2.0.
As a safeguard against programming errors, the
configuration of the Bit Timing Register (BTR) is
only possible while the device is in STANDBY
mode.
Figure 72. Bit Timing
SYNC_SEG
BIT SEGMENT 1 (BS1)
BIT SEGMENT 2 (BS2)
NOMINAL BIT TIME
1 x tCAN
tBS1
tBS2
SAMPLE POINT
TRANSMIT POINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com