Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521M9TC Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST72F521M9TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521M9TC Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST72F521M9TC Datasheet HTML 143Page - STMicroelectronics ST72F521M9TC Datasheet HTML 144Page - STMicroelectronics ST72F521M9TC Datasheet HTML 145Page - STMicroelectronics ST72F521M9TC Datasheet HTML 146Page - STMicroelectronics ST72F521M9TC Datasheet HTML 147Page - STMicroelectronics ST72F521M9TC Datasheet HTML 148Page - STMicroelectronics ST72F521M9TC Datasheet HTML 149Page - STMicroelectronics ST72F521M9TC Datasheet HTML 150Page - STMicroelectronics ST72F521M9TC Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 215 page
background image
ST72F521, ST72521B
147/215
CONTROLLER AREA NETWORK (Cont’d)
10.8.5.3 Unexpected message transmission
Symptom:
The previous message received by pCAN, even if
this message did not pass the receive filter, will be
retransmitted by pCAN with a correct identifier and
DLC but with corrupted data. The data bytes will
be a copy of the identifier bytes IDHR and IDLR in
the following repetitive pattern:
DATA_0 = IDHR
DATA_1 = IDLR
DATA_2 = IDHR
DATA_3 = IDLR
etc.
DATA_7 = IDLR
If no message has been received before the prob-
lem occurs then identifier byte values are random
but the data bytes are in the same repetitive pat-
tern.
Details:
The buffers of the pCAN cell are configurable as
receive or transmit buffers. By default, all buffers
are configured in reception. To use a buffer to
transmit a CAN message the application has to re-
serve this buffer for transmission by setting the
LOCK bit in the BCSR register. So the buffer is
then locked for any further reception and reserved
for transmission.
Once a transmission has been requested by a
write access to data byte 7 of the buffer the appli-
cation might need to abort this transmission re-
quest. To do so, the application can reset the
LOCK bit in the BCSR register.
If the message is pending (RDY bit set) but not
currently being transmitted, then clearing the
LOCK bit will abort it immediately.
If the message is pending (RDY bit set) and cur-
rently being transmitted then the message will not
be interrupted but the CAN core will wait until the
end of this transmission attempt. Then software
must clear the LOCK bit again to abort the trans-
mission.
An unexpected transmission can occur:
IF the application resets the LOCK bit
WHILE
the
CAN
core
is
preparing
the
transmission1) AND there is no other transmission
pending in another buffer
THEN the LOCK bit is reset but the transmission is
not stopped. Instead the content of the page 0
buffer will be transmitted.
Impact On The Application:
pCAN will echo some messages sent by other
nodes. Identifier and DLC will be correct but data
are corrupted as described previously.
Note 1: The preparation lasts two bit times just be-
fore SOF, this is the critical window during which
the LOCK bit must not be reset by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com