Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 230 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 224Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 225Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 226Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 227Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 228Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 229Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 230Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 231Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 232Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 230 / 232 page
background image
Ordering information
STM32G474xB STM32G474xC STM32G474xE
230/232
DS12288 Rev 1
7
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, contact the nearest ST sales office.
Table 122. Ordering information
Example:
STM32 G
474
V
E
T
6 x
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
G = General-purpose
Sub-family
474 = STM32G474xB/xC/xE
Pin count
C = 48 pins
R = 64 pins
M = 80 pins, 81 pins
V = 100 pins
Q = 128 pins
Code size
B = 128 Kbyte
C = 256 Kbyte
E = 512 Kbyte
Package
H = TFBGA
T = LQFP
U = UFQFPN
Y = WLCSP
Temperature range
6 = Industrial temperature range, - 40 to 85 °C (105 °C junction)
7 = Industrial temperature range, - 40 to 105 °C (125 °C junction)
3 = Industrial temperature range, - 40 to 125 °C (130 °C junction)
Options
xxx = programmed parts
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com