| Electronic Components Datasheet Search |
|
STM32G474XC Datasheet(PDF) 173 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474XC Datasheet(HTML) 173 Page - STMicroelectronics |
|
173 / 232 page ![]() DS12288 Rev 1 173/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 The SDA and SCL I/O requirements are met with the following restrictions: • The SDA and SCL I/O pins are not “true” open-drain. When configured as open-drain, the PMOS connected between the I/O pin and VDDIOx is disabled, but is still present. • The 20mA output drive requirement in Fast-mode Plus is supported partially. This limits the maximum load Cload supported in Fm+, which is given by these formulas: –tr(SDA/SCL)=0.8473 x Rp x Cload –Rp(min)= (VDD - VOL(max)) / IOL(max) Where Rp is the I2C lines pull-up. Refer to Section 5.3.14: I/O port characteristics for the I2C I/Os characteristics. All I2C SDA and SCL I/Os embed an analog filter. Refer to Table 88 below for the analog filter characteristics: SPI characteristics Unless otherwise specified, the parameters given in Table 89 for SPI are derived from tests performed under the ambient temperature, fPCLKx frequency and supply voltage conditions summarized in Table 17: General operating conditions. • Output speed is set to OSPEEDRy[1:0] = 11 • Capacitive load C = 30 pF • Measurement points are done at CMOS levels: 0.5 x VDD Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate function characteristics (NSS, SCK, MOSI, MISO for SPI). Table 87. Minimum I2CCLK frequency in all I2C modes Symbol Parameter Condition Min Unit f(I2CCLK) I2CCLK frequency Standard mode 2 MHz Fast-mode Analog Filtre ON DNF=0 8 Analog Filtre OFF DNF=1 9 Fast-mode Plus Analog Filtre ON DNF=0 17 Analog Filtre OFF DNF=1 16 Table 88. I2C analog filter characteristics(1) 1. Guaranteed by design. Symbol Parameter Min Max Unit tAF Maximum pulse width of spikes that are suppressed by the analog filter 50(2) 2. Spikes with widths below tAF(min) are filtered. 90(3) 3. Spikes with widths above tAF(max) are not filtered ns |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |