Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F412VGH3TR Datasheet(PDF) 197 Page - STMicroelectronics

Part # STM32F412VGH3TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VGH3TR Datasheet(HTML) 197 Page - STMicroelectronics

Back Button STM32F412VGH3TR Datasheet HTML 193Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 194Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 195Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 196Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 197Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 198Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 199Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 200Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 201Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 197 / 201 page
background image
DocID028087 Rev 7
197/201
STM32F412xE/G
Revision history
200
Revision history
Table 111. Document revision history
Date
Revision
Changes
10-Nov-2015
1
Initial release.
01-Feb-2016
2
Added:
– Table 3: Embedded bootloader interfaces
– Figure 3: Compatible board design for LQFP144 package
– Figure 62: WLCSP64 marking example (package top view)
– Figure 77: UFBGA100 marking example (package top view)
Updated:
– Section 3.17: Power supply schemes
– Section 3.23: Timers and watchdogs
– Section 3.32: Universal serial bus on-the-go full-speed (USB_OTG_FS)
– Figure 1: Compatible board design for LQFP100 package
– Figure 2: Compatible board design for LQFP64 package
– Figure 14: STM32F412xE/G LQFP100 pinout
– Figure 16: STM32F412xE/G UFBGA100 pinout
– Figure 17: STM32F412xE/G UFBGA144 pinout
– Figure 20: Input voltage measurement
– Figure 80: UFBGA144 marking example (package top view)
– Table 2: STM32F412xE/G features and peripheral counts
– Table 9: STM32F412xE/G pin definition
– Table 13: Voltage characteristics
– Table 14: Current characteristics
– Table 16: General operating conditions
– Table 37: Peripheral current consumption
– Table 52: EMS characteristics for LQFP144 package
– Table 64: FMPI2C characteristics
25-Mar-2016
3
Added:
– Figure 82: USB peripheral-only Full speed mode with direct connection for VBUS
sense
– Figure 83: USB peripheral-only Full speed mode, VBUS detection using GPIO
Updated:
– Figure 15: STM32F412xE/G LQFP144 pinout
– Section 6.3.6: Supply current characteristics
– Table 9: STM32F412xE/G pin definition
– Table 11: STM32F412xE/G alternate functions
– Table 12: STM32F412xE/G register boundary addresses
– Table 16: General operating conditions
– Table 37: Peripheral current consumption
– Table 97: Dynamic characteristics: eMMC characteristics VDD = 1.7 V to 1.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com