Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72622L2M1 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST72622L2M1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622L2M1 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST72622L2M1 Datasheet HTML 131Page - STMicroelectronics ST72622L2M1 Datasheet HTML 132Page - STMicroelectronics ST72622L2M1 Datasheet HTML 133Page - STMicroelectronics ST72622L2M1 Datasheet HTML 134Page - STMicroelectronics ST72622L2M1 Datasheet HTML 135Page - STMicroelectronics ST72622L2M1 Datasheet HTML 136Page - STMicroelectronics ST72622L2M1 Datasheet HTML 137Page - STMicroelectronics ST72622L2M1 Datasheet HTML 138Page - STMicroelectronics ST72622L2M1 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 139 page
background image
135/139
15 IMPORTANT NOTES
Refer to Table 32 which provides a list of the trace
codes for each of the recent silicon revisions.
Silicon revisions are identifiable:
– on the device package, by the last letter of the
Trace Code marked on the device package.
– on the box, by the last 3 digits of the Internal
Sales Type printed in the box label.
See also Figure 92. on page 137
Table 32. Device Identification
15.1 A/ D CONVERTER ACCURACY FOR FIRST
CONVERSION
Description
When the ADC is enabled after being powered
down (for example when waking up from HALT,
ACTIVE-HALT or setting the ADON bit in the AD-
CCSR register), the first conversion (8-bit or 10-
bit) accuracy does not meet the accuracy specified
in the datasheet.
Workaround
In order to have the accuracy specified in the da-
tasheet, the first conversion after a ADC switch-on
has to be ignored.
Note:
This limitation does not apply to Flash silicon rev.
G devices (see Table 32).
15.2 A/D CONVERTER CONVERSION SPEED
Description
Following a change in the fabrication location, the
typical ADC conversion speed value for Flash de-
vices has improved from a previous value of 28µs
to 4µs.
When migrating software from Rev X to Rev G de-
vices (refer to Table 32) care should be taken
when using ADC interrupts.
Workaround
Firstly, on Rev G devices, only the use of One-
Shot conversion mode is recommended in con-
nection with ADC interrupts.
In Continuous Conversion mode, to avoid getting
trapped in a continuous interrupt, the ADC inter-
rupt routine must always have sufficient time to ex-
ecute completely before the next ADC conversion
interrupt, especially if the ADC interrupt is disabled
outside of this routine. With the shorter conversion
speed value, the interrupt may not be serviced fast
enough. For this reason, on Rev G devices, the
Continuous Conversion mode is not recommend-
ed in connection with ADC interrupts.
Secondly, in the interests of keeping code portable
between all Flash/ROM versions, using the ADC
as a source of a delayed trigger event is not ad-
vised. However, in such a scenario, a delay loop
should be inserted for Rev G Flash devices to en-
sure that the timing remains the same for any such
ADC delayed trigger events.
Device Type
(Silicon Rev.)
Trace Code marked on device/
Internal Sales Type on box
label
Flash Devices (Rev G)
(Latest Flash silicon)
“xxxxxxxxxG” / 72F62xxxxx$x4
Flash Devices (Rev X)
(Previous Flash silicon)
“xxxxxxxxxX” / 72F62xxxxx$x8
“xxxxxxxxxX” / 72F62xxxxx$x9
ROM Devices (Rev Z)
“xxxxxxxxxZ” / 7262xxxxx$x2
“xxxxxxxxxZ” / 7262xxxxx$x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com