Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H523CCU6 Datasheet(PDF) 214 Page - STMicroelectronics

Part # STM32H523CCU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CCU6 Datasheet(HTML) 214 Page - STMicroelectronics

Back Button STM32H523CCU6 Datasheet HTML 210Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 211Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 212Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 213Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 214Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 215Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 216Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 217Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 228 page
background image
Package information
STM32H523xx
214/228
DS14540 Rev 1
Notes:
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-2009 apart
European projection.
2.
UFBGA stands for ulta profile fine pitch ball grid array: 0.50 mm < A ≤ 0.65 mm / fine
pitch e < 1.00 mm.
3.
The profile height, A, is the distance from the seating plane to the highest point on the
package. It is measured perpendicular to the seating plane.
4.
A1 is defined as the distance from the seating plane to the lowest point on the package
body.
5.
Dimension b is measured at the maximum diameter of the terminal (ball) in a plane
parallel to primary datum C.
6.
BSC stands for BASIC dimensions. It corresponds to the nominal value and has no
tolerance. For tolerances refer to form and position table. On the drawing these
dimensions are framed.
7.
Primary datum C is defined by the plane established by the contact points of three or
more solder balls that support the device when it is placed on top of a planar surface.
8.
The terminal (ball) A1 corner must be identified on the top surface of the package by
using a corner chamfer, ink or metalized markings, or other feature of package body or
Table 124. UFBGA100 - Mechanical data
Symbol
millimeters(1)
inches(12)
Min.
Typ.
Max.
Min.
Typ.
Max.
A(2)(3)
-
-
0.60
-
-
0.0236
A1(4)
0.05
-
-
0.0020
-
-
A2
-
0.43
-
-
0.0169
-
b(5)
0.23
0.28
0.33
0.0090
0.0110
0.0130
D(6)
7.00 BSC
0.2756 BSC
D1
5.50 BSC
0.2165 BSC
E
7.00 BSC
0.2756 BSC
E1
5.50 BSC
0.2165 BSC
e(9)
0.50 BSC
0.0197 BSC
N(11)
100
SD(12)
0.25 BSC
0.0098 BSC
SE(12)
0.25 BSC
0.0098 BSC
aaa
0.15
0.0059
ccc
0.20
0.0079
ddd
0.08
0.0031
eee
0.15
0.0059
fff
0.05
0.0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com