Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H523CCU6 Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32H523CCU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CCU6 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32H523CCU6 Datasheet HTML 216Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 217Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 218Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 219Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 220Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 221Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 222Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 223Page - STMicroelectronics STM32H523CCU6 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 228 page
background image
Package information
STM32H523xx
220/228
DS14540 Rev 1
6.9
UFBGA144 package information (A0Y2)
This UFBGA is a 144-pin, 10 x 10 mm, 0.80 mm pitch, ultra fine pitch ball grid array
package.
Note:
See list of notes in the notes section.
Figure 75. UFBGA144 - Outline(13)
e
D
A
Øb (144 balls)
M
E
SIDE VIEW
BOTTOM VIEW
1
A
A
B
ddd C
D1
E1
eee
C A B
fff
Ø
Ø
M
M
C
A1 ball pad
corner
A1 ball
pad corner
SD
e
B
C
D
E
G
H
J
K
L
234 5 6 7 89 10
12
11
A2
C
(4x)
8
Seating
plane
DETAIL A
Substrate
Solder balls
Mold resin
A1
DETAIL A
aaa C
ccc C
(DATUM A)
(DATUM B)
A02Y_UFBGA144_ME_V3
7
TOP VIEW
SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com