Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ2T6 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST72F324LJ2T6
Description  3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ2T6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST72F324LJ2T6 Datasheet HTML 110Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 111Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 112Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 113Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 114Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 115Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 116Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 117Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 154 page
background image
ST72324Lxx
114/154
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
12.4.1.1 Power Consumption vs fCPU: ROM Devices
Figure 58. Typical IDD in RUN mode
Figure 59. Typical IDD SLOW mode
Figure 60. Typical IDD WAIT mode
Figure 61. Typical IDD SLOW-WAITmode
0
500
1000
1500
2000
2500
3000
2.6
2.8
3
3.2
3.4
3.6
Vdd (V)
8MHz
4MHz
2MHz
1MHz
0
50
100
150
200
250
2.6
2.8
3
3.2
3.4
3.6
Vdd (V)
500kHz
250kHz
125kHz
62.5kHz
0
200
400
600
800
1000
1200
1400
2.6
2.8
3
3.2
3.4
3.6
Vdd (V)
8MHz
4MHz
2MHz
1MHz
0
20
40
60
80
100
120
140
2.6
2.8
3
3.2
3.4
3.6
Vdd (V)
500kHz
250kHz
125kHz
62.5kHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com