Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ2T6 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST72F324LJ2T6
Description  3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ2T6 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST72F324LJ2T6 Datasheet HTML 121Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 122Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 123Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 124Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 125Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 126Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 127Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 128Page - STMicroelectronics ST72F324LJ2T6 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 154 page
background image
ST72324Lxx
125/154
I/O PORT PIN CHARACTERISTICS (Cont’d)
12.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 67. Typical VOL at VDD=3V (std. ports)
Figure 68. Typ. VOL at VDD=3V (high-sink ports)
Figure 69. Typical VOH at VDD=3V
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins do not have VOH.
Symbol
Parameter
Conditions
Min
Typ.
Max.
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 67 and Figure 70)
IIO=+2mA
0.3
0.7
V
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 68 and Figure 71)
IIO=+10mA
0.3
0.7
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 69 and Figure 72 )
IIO=-2mA
VDD-0.9
2.6
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
01
2
lIO (mA)
Ta=90°C
Ta=25°C
Ta=-45°C
0.00
0.10
0.20
0.30
0.40
0.50
01
2
3
45
6
7
8
lIO (mA)
Ta=90°C
Ta=25°C
Ta=-45°C
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
210
lIO(mA)
Ta=90°C
Ta=25°C
Ta=-45°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com