Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F427IGH7TR Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F427IGH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IGH7TR Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F427IGH7TR Datasheet HTML 110Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 111Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 112Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 113Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 114Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 115Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 116Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 117Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
114/231
DocID024030 Rev 6
APB2
(up to
90 MHz)
SDIO
8.11
8.75
7.83
µA/MHz
TIM1
17.11
15.97
14.17
TIM8
17.33
16.11
14.33
TIM9
7.22
6.67
6.00
TIM10
4.56
4.31
3.83
TIM11
4.78
4.44
4.00
ADC1(5)
4.67
4.31
3.83
ADC2(5)
4.78
4.44
4.00
ADC3(5)
4.56
4.17
3.67
SPI1
1.44
1.39
1.17
USART1
4.00
3.75
3.33
USART6
4.00
3.75
3.33
SPI4
1.44
1.39
1.17
SPI5
1.44
1.39
1.17
SPI6
1.44
1.39
1.17
SYSCFG
0.78
0.69
0.67
LCD_TFT
39.89
37.22
33.17
SAI1
3.78
3.47
3.17
1. When the I/O compensation cell is ON, IDD typical value increases by 0.22 mA.
2. The BusMatrix is automatically active when at least one master is ON.
3. To enable an I2S peripheral, first set the I2SMOD bit and then the I2SE bit in the SPI_I2SCFGR register.
4. When the DAC is ON and EN1/2 bits are set in DAC_CR register, add an additional power consumption of
0.8 mA per DAC channel for the analog part.
5. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of
1.6 mA per ADC for the analog part.
Table 35. Peripheral current consumption (continued)
Peripheral
IDD( Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com